PART |
Description |
Maker |
ACT-SF512K32N-39F2C ACT-SF512K32N-37F2T ACT-SF512K |
ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 Hex D-Type Flip-Flops With Clear 16-SOIC 0 to 70 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 4-Bit D-type Registers with 3-State Outputs 16-SOIC 0 to 70 行为SF512K32高12Kx32的SRAM / 512Kx32闪存多芯片模 Hex D-Type Flip-Flops With Clear 16-PDIP 0 to 70 4-Bit D-type Registers with 3-State Outputs 16-SO 0 to 70 4-Bit D-type Registers with 3-State Outputs 16-PDIP 0 to 70 Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 Hex D-Type Flip-Flops With Clear 16-SO 0 to 70
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
HM628128 HM628128DLT-7 HM628128DLFP-5UL HM628128DL |
1 M SRAM (128-kword x 8-bit) Hex D-type Flip-Flops With Clear 20-LCCC -55 to 125 1个M的SRAM28 - KWord的8位) Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 1个M的SRAM128 - KWord的8位) Synchronous 4-Bit Up/Down Binary Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 20-LCCC -55 to 125 Synchronous 4-Bit Up/Down Binary Counters 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 28-LCCC -55 to 125 Hex D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CFP -55 to 125 Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 Synchronous 4-Bit Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CDIP -55 to 125
|
Hitachi Semiconductor Hitachi,Ltd.
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
SL74LV04 SL74LV04D SL74LV04N |
Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 十六进制逆变 Octal D-Type Flip-Flops with Reset 20-PDIP -55 to 125 十六进制逆变 Hex Inverter
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
LC866408 LC866412 LC866416 LC866420 LC866424 SANYO |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 8-Bit Single Chip Microcontroller with the UVEPROM
|
http:// Sanyo Electric Co.,Ltd.
|
MC10135 MC10135FN MC10135L MC10135P ON0571 |
Replaced by SN54LS175 : Quadruple D-type Flip-Flops With Clear 16-CFP -55 to 125 10K SERIES, POSITIVE EDGE TRIGGERED JBAR-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16 Replaced by SN54LS175 : Quadruple D-type Flip-Flops With Clear 16-CDIP -55 to 125 10K SERIES, POSITIVE EDGE TRIGGERED JBAR-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Dual J-K Master-Slave Flip-Flop PIN ASSIGNMENT From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ONSEMI[ON Semiconductor]
|
ISL6292 ISL6292-1CR3 ISL6292-1CR3-T ISL6292-1CR3Z |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset 14-SSOP -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16 Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-SO -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16 Li-ion/Li Polymer Battery Charger 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16 Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-TSSOP -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16 Li-ion/Li Polymer Battery Charger Li-ion/Li聚合物电池充电器 Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-PDIP -40 to 85
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HD74HC78 HD74HC78P |
Dual J-K Flip-Flops (with Preset/ Common Clear and Common Clock) Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
HD74HC76 HD74HC76P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|16PIN|PLASTIC Dual J-K Flip-Flops (with Preset and Clear)
|
HITACHI[Hitachi Semiconductor]
|